| データシートサーチシステム |
|
PCF8562TT/2 データシート(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8562TT/2 データシート(HTML) 16 Page - NXP Semiconductors |
|
16 / 36 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx x = data bit unchanged. Fig 10. Relationship between LCD layout, drive mode, display RAM filling order and display data transmitted over the I2C-bus 001aag281 Sn+2 Sn+1 Sn+7 Sn Sn Sn+3 Sn+5 Sn+2 Sn+3 Sn+1 Sn+1 Sn+1 Sn+2 Sn Sn+6 Sn Sn+4 DP DP DP DP a f b g e c d a f b g e c d a f b g e c d a f b g e c d BP0 BP0 BP0 BP1 BP1 BP2 BP1 BP2 BP3 BP0 n c x x x 0 1 2 3 b x x x a x x x f x x x g x x x e x x x d x x x DP x x x n + 1 n + 2 n + 3 n + 4 n + 5 n + 6 n + 7 bit/ BP n a b x x 0 1 2 3 f g x x e c x x d DP x x n + 1 n + 2 n + 3 bit/ BP n b DP c x 0 1 2 3 a d g x f e x x n + 1 n + 2 bit/ BP n a c b DP 0 1 2 3 f e g d n + 1 bit/ BP c b af gedDP a b f gec dDP b DP c adgf e a c b DP f egd MSB LSB MSB LSB MSB LSB MSB LSB drive mode static 1:2 multiplex 1:3 multiplex 1:4 multiplex LCD segments LCD backplanes display RAM filling order transmitted display byte |