データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TYNX25RG データシート(PDF) 6 Page - STMicroelectronics

部品番号 TYNX25RG
部品情報  25A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNX25RG データシート(HTML) 6 Page - STMicroelectronics

  TYNX25RG Datasheet HTML 1Page - STMicroelectronics TYNX25RG Datasheet HTML 2Page - STMicroelectronics TYNX25RG Datasheet HTML 3Page - STMicroelectronics TYNX25RG Datasheet HTML 4Page - STMicroelectronics TYNX25RG Datasheet HTML 5Page - STMicroelectronics TYNX25RG Datasheet HTML 6Page - STMicroelectronics TYNX25RG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TN25 and TYNx25 Series
6/7
PACKAGE MECHANICAL DATA
D2PAK (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048
0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28
0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
0°
8°
0°
8°
A
C2
D
R
2.0 MIN.
FLAT ZONE
A2
V2
C
A1
G
L
L3
L2
B
B2
E
FOOTPRINT DIMENSIONS (in millimeters)
D2PAK (Plastic)
8.90
3.70
1.30
5.08
16.90
10.30



Html Pages

1 2 3 4 5 6 7