データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TN2540-800G データシート(PDF) 5 Page - STMicroelectronics

部品番号 TN2540-800G
部品情報  25A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2540-800G データシート(HTML) 5 Page - STMicroelectronics

  TN2540-800G Datasheet HTML 1Page - STMicroelectronics TN2540-800G Datasheet HTML 2Page - STMicroelectronics TN2540-800G Datasheet HTML 3Page - STMicroelectronics TN2540-800G Datasheet HTML 4Page - STMicroelectronics TN2540-800G Datasheet HTML 5Page - STMicroelectronics TN2540-800G Datasheet HTML 6Page - STMicroelectronics TN2540-800G Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TN25 and TYNx25 Series
5/7
Fig. 6:
Non-repetitive
surge peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10 ms, and corresponding values of I²t.
Fig.
7:
On-state
characteristics
(maximum
values).
Fig. 8: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm)
(D2PAK).
0.01
0.10
1.00
10.00
100
1000
2000
ITSM(A),I 2t(A2s)
Tj initial = 25 °C
ITSM
I2t
dI/dt
limitattion
tp(ms)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
300
ITM(A)
Tj = 25°C
Tj = Tj max.
Tj max.:
Vto = 0.77V
Rd = 14m
Ω
VTM(V)
0
4
8
12
16202428323640
0
10
20
30
40
50
60
70
80
Rth(j-a)( °C/W)
S(cm2)



Html Pages

1 2 3 4 5 6 7