| データシートサーチシステム |
|
UAA4713 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UAA4713 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() FUNCTIONAL DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter Test Conditions Unit I7 AC Supply Current 60 mA I7 Peak Current (T.P < 200 µs) 200 mA I7 Sourge Current (not repetitive 10ms) 500 mA I9 ZCD Max. Input Current 5 mA V6-3 Negative Clamp Voltage -9 V V8-3 Positive Clamp Voltage 9.5 V V14-3 Comp. Input Voltage ±8V V10-12 Differential Input Voltage ±8V Top Operating Temperature -25 to 85 °C Tstg,Tj Junction and Storage Temperature -40 to 150 °C Ptot Total Power Dissipation (Tj =85 °C) 650 mW THERMAL DATA Symbol Parameter Value Unit Rth j-amb Thermal Resistance Junction-ambient max 100 °C/W UAA4713 2/14 |