| データシートサーチシステム |
|
UAA4713DP データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UAA4713DP データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 14 page ![]() Demo Board - Part List QTY DEVICE DESCRIPTION SUPPLIER 1 UAA4713DP OR UAA4713FP INTEGRATED CIRCUIT SGS-THOMSON 1 BTA06-600 (240V mains) BTA08-400 (110V mains) TRIAC TRIAC SGS-THOMSON SGS-THOMSON 1 KRX10FL or IRA - EI00S series SENSOR WIT H FRESNEL LENS Pyroelectic Infrared Sensor PHILIPS COMPONENTS MURATA 1 LDR07 PHOTORESISTOR PHILIPS COMPONENTS CAPACITORS RESISTORS (0.25W) QUANTITY VALUE QUANTITY VALUE 4 100 µF/35V 3 1M Ω 2 330nF 3 47k Ω 2 47nF 1 680 Ω 1 4.7nF 1 1K Ω 1 68nF 400V 1 470K Ω 1 150nF 250V 1 220K Ω 1 3.3 µF 35V 2 POTENTIOMETERS 500K Ω APPLICATION INFORMATION (continued) Figure 9: Demo Board Photo IRA - E100S UAA4713 11/14 |