| データシートサーチシステム |
|
CS5532 データシート(PDF) 47 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5532 データシート(HTML) 47 Page - Cirrus Logic |
|
47 / 50 page ![]() CS5532/34-BS DS755F3 47 5. ORDERING INFORMATION 6. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Number Bits Channels Linearity Error (Max) Temperature Range Package CS5532-BS 24 2 ±0.0015% -40 °C to +85°C 20-pin 0.2" Plastic SSOP CS5532-BSZ 24 2 ±0.0015% -40 °C to +85°C 20-pin 0.2" Plastic SSOP, Lead Free CS5534-BS 24 4 ±0.0015% -40 °C to +85°C 24-pin 0.2" Plastic SSOP CS5534-BSZ 24 4 ±0.0015% -40 °C to +85°C 24-pin 0.2" Plastic SSOP, Lead Free Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5532-BS 240 °C 2 365 Days CS5532-BSZ 260 °C 3 7 Days CS5534-BS 240 °C 2 365 Days CS5534-BSZ 260 °C 3 7 Days |