| データシートサーチシステム |
|
CS5534-AS データシート(PDF) 20 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5534-AS データシート(HTML) 20 Page - Cirrus Logic |
|
20 / 50 page ![]() CS5531/32/33/34-AS 20 DS289F5 PERFORM CONVERSION Function: These commands instruct the ADC to perform either a single, fully-settled conversion or con- tinuous conversions on the physical input channel pointed to by the pointer bits (CSRP2 - CRSP0) in the channel-setup register. MC (Multiple Conversions) 0 Perform a single conversion. 1 Perform continuous conversions. CSRP [2:0] (Channel Setup Register Pointer Bits) 000 Setup 1 (All devices) 001 Setup 2 (All devices) 010 Setup 3 (All devices) 011 Setup 4 (All devices) 100 Setup 5 (All devices) 101 Setup 6 (All devices) 110 Setup 7 (All devices) 111 Setup 8 (All devices) D7(MSB) D6 D5 D4 D3 D2 D1 D0 1 MC CSRP2 CSRP1 CSRP0 0 0 0 |