データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5524-ASZ データシート(PDF) 52 Page - Cirrus Logic

部品番号 CS5524-ASZ
部品情報  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5524-ASZ データシート(HTML) 52 Page - Cirrus Logic

Back Button CS5524-ASZ Datasheet HTML 48Page - Cirrus Logic CS5524-ASZ Datasheet HTML 49Page - Cirrus Logic CS5524-ASZ Datasheet HTML 50Page - Cirrus Logic CS5524-ASZ Datasheet HTML 51Page - Cirrus Logic CS5524-ASZ Datasheet HTML 52Page - Cirrus Logic CS5524-ASZ Datasheet HTML 53Page - Cirrus Logic CS5524-ASZ Datasheet HTML 54Page - Cirrus Logic CS5524-ASZ Datasheet HTML 55Page - Cirrus Logic CS5524-ASZ Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
CS5521/22/23/24/28
52
DS317F6
4. ORDERING INFORMATION
5. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Model Number
Package
Bits
Channels Linearity Error (Max)
Temperature Range
CS5521-AS
20-pin 0.2" Plastic SSOP
16
2
±0.003%
-40
°C to +85°C
CS5521-ASZ
20-pin 0.2" Plastic SSOP (Lead Free)
CS5522-AP
20-pin 0.3" Plastic DIP
24
±0.0015%
CS5522-AS
20-pin 0.2" Plastic SSOP
CS5522-ASZ
20-pin 0.2" Plastic SSOP (Lead Free)
CS5523-AS
24-pin 0.2" Plastic SSOP
16
4
±0.003%
CS5523-ASZ
24-pin 0.2" Plastic SSOP (Lead Free)
CS5524-AP
24-pin 0.3" Plastic DIP
24
±0.0015%
CS5524-AS
24-pin 0.2" Plastic SSOP
CS5524-ASZ
24-pin 0.2" Plastic SSOP (Lead Free)
CS5528-AS
24-pin 0.2" Plastic SSOP
8
CS5528-ASZ
24-pin 0.2" Plastic SSOP (Lead Free)
Model Number
Package
MSL Rating*
Peak Reflow Temp
Max Floor Life
CS5521-AS
20-pin 0.2" Plastic SSOP
2
240 °C
365 Days
CS5521-ASZ
20-pin 0.2" Plastic SSOP (Lead Free)
3
260 °C
7 Days
CS5522-AP
20-pin 0.3" Plastic DIP
1
260 °C
No Limit
CS5522-AS
20-pin 0.2" Plastic SSOP
2
240 °C
365 Days
CS5522-ASZ
20-pin 0.2" Plastic SSOP (Lead Free)
3
260 °C
7 Days
CS5523-AS
24-pin 0.2" Plastic SSOP
2
240 °C
365 Days
CS5523-ASZ
24-pin 0.2" Plastic SSOP (Lead Free)
3
260 °C
7 Days
CS5524-AP
24-pin 0.3" Plastic DIP
1
260 °C
No Limit
CS5524-AS
24-pin 0.2" Plastic SSOP
2
240 °C
365 Days
CS5524-ASZ
24-pin 0.2" Plastic SSOP (Lead Free)
3
260 °C
7 Days
CS5528-AS
24-pin 0.2" Plastic SSOP
2
240 °C
365 Days
CS5528-ASZ
24-pin 0.2" Plastic SSOP (Lead Free)
3
260 °C
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56