データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS42324 データシート(PDF) 63 Page - Cirrus Logic

部品番号 CS42324
部品情報  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 データシート(HTML) 63 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 59Page - Cirrus Logic CS42324 Datasheet HTML 60Page - Cirrus Logic CS42324 Datasheet HTML 61Page - Cirrus Logic CS42324 Datasheet HTML 62Page - Cirrus Logic CS42324 Datasheet HTML 63Page - Cirrus Logic CS42324 Datasheet HTML 64Page - Cirrus Logic CS42324 Datasheet HTML 65Page - Cirrus Logic CS42324 Datasheet HTML 66Page - Cirrus Logic CS42324 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
DS721A6
63
CS42324
6.20.8
ADC Negative Overflow Interrupt Bit (ADC_OVFLN)
This bit is read only. When set, indicates that a negative over-range condition occurred anywhere in the
CS42324 ADC signal path and has ADC data has been clipped to negative full scale since the last read
of this register. This interrupt bit is an edge-triggered event and will be cleared following a read of this
register.
The INT pin will go active according to the ADC_OVFLx[1:0] bits in the “Interrupt Mode (Address 16h)” on
page 59 and the status of this bit if ADC_OVFLNM bit is cleared. To determine the current overflow state
of the ADC use the OVFL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71