| データシートサーチシステム |
|
AT89C5122DS-RDTUM データシート(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5122DS-RDTUM データシート(HTML) 21 Page - ATMEL Corporation |
|
21 / 208 page ![]() 21 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Figure 10. Use of Dual Pointer a. Bit 2 stuck at 0; this allows to use INC AUXR1 to toggle DPS without changing GF3. Assembly Language ; Block move using dual data pointers ; Modifies DPTR0, DPTR1, A and PSW ; note: DPS exits opposite of entry state ; unless an extra INC AUXR1 is added ; 00A2 AUXR1 QU 0A2H ; 0000 909000MOV DPTR,#SOURCE ; address of SOURCE 0003 05A2 INC AUXR1 ; switch data pointers 0005 90A000 MOV DPTR,#DEST ; address of DEST 0008 LOOP: 0008 05A2 INC AUXR1 ; switch data pointers 000A E0 MOVX A,@DPTR ; get a byte from SOURCE 000B A3 INC DPTR ;increment SOURCE address 000C 05A2 INC AUXR1 ; switch data pointers 000E F0 MOVX @DPTR,A ; write the byte to DEST 000F A3 INC DPTR ; increment DEST address 0010 70F6JNZ LOOP ; check for 0 terminator 0012 05A2 INC AUXR1 ; (optional) restore DPS INC is a short (2 bytes) and fast (12 clocks) way to manipulate the DPS bit in the AUXR1 SFR. However, note that the INC instruction does not directly force the DPS bit to a par- ticular state, but simply toggles it. In simple routines, such as the block move example, only the fact that DPS is toggled in the proper sequence matters, not its actual value. For example, the block move routine works the same whether DPS is '0' or '1' on entry. Observe that without the last instruction (INC AUXR1), the routine will exit with DPS in the opposite state. External Data Memory AUXR1(A2H) DPS DPH(83H) DPL(82H) 0 7 DPTR0 DPTR1 |