| データシートサーチシステム |
|
AT83C5123XXX-RATUM データシート(PDF) 147 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83C5123XXX-RATUM データシート(HTML) 147 Page - ATMEL Corporation |
|
147 / 208 page ![]() 147 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Figure 91. Timer/Counter x (x = 0 or 1) in Mode 1 Figure 92. Mode 1 Overflow Period Formula Mode 2 (8-bit Timer with Auto- Reload) Mode 2 configures Timer 0 as an 8-bit Timer (TL0 register) that automatically reloads from the TH0 register (see Figure 93). TL0 overflow sets the TF0 flag in the TCON reg- ister and reloads TL0 with the contents of TH0, which is preset by the software. When the interrupt request is serviced, the hardware clears TF0. The reload leaves TH0 unchanged. The next reload value may be changed at any time by writing it to the TH0 register. Figure 94 gives the autoreload period calculation formula when in timer mode. Figure 93. Timer/Counter x (x = 0 or 1) in Mode 2 Figure 94. Mode 2 Autoreload Period Formula TRx TCON reg TFx TCON reg 0 1 GATEx TMOD reg Overflow Timer x Interrupt Request C/Tx# TMOD reg TLx (8 bits) THx (8 bits) INTx# Tx CK_Tx /6 6 ⋅ (65536 – (THx, TLx)) TFxPER = FCK_Tx TRx TCON reg TFx TCON reg 0 1 GATEx TMOD reg Overflow Timer x Interrupt Request C/Tx# TMOD reg TLx (8 bits) THx (8 bits) INTx# Tx CK_Tx /6 TFxPER= FCK_Tx 6 ⋅ (256 – THx) |