データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT83C5123XXX-RATUM データシート(PDF) 36 Page - ATMEL Corporation

部品番号 AT83C5123XXX-RATUM
部品情報  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM データシート(HTML) 36 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 32Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 33Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 34Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 35Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 36Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 37Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 38Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 39Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 208 page
background image
36
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Note:
1. Only for AT8xC5122
IPH0
B7h
Interrupt Priority Control
High 0
PSH
PT1H
PX1H
PT0H
PX0H
IPL1
B2h
Interrupt Priority Control
Low 1
PUSBL
PSCIL
PSPIL(1)
PKBL(1)
IPH1
B3h
Interrupt Priority Control
High 1
PUSBH
PSCIH
PSPIH(1)
PKBH(1)
ISEL
A1h Interrupt Enable Register
CPLEV
PRESIT
RXIT
OELEV
OEEN
PRESEN
RXEN
Table 17.
Interrupt SFRs
Mnemonic
Add
Name
76543210
Table 18.
SCIB SFRs
Mnemonic
Add Name
76543210
SCGT0
B4h
Smart Card Transmit Guard
Time Register 0
GT7 - 0
SCGT1
B5h
Smart Card Transmit Guard
Time Register 1
GT8
SCWT0
B4h
Smart Card Character/ Block
Waiting Time Register 0
WT7 - 0
SCWT1
B5h
Smart Card Character/ Block
Waiting Time Register 1
WT15-8
SCWT2
B6h
Smart Card Character/ Block
Waiting Time Register 2
WT23-16
SCWT3
C1h
Smart Card Character/ Block
Waiting Time Register 3
WT31-24
SCICR
B6h
Smart Card Interface Control
Register
RESET
CARDDET
VCARD1-0
UART
WTEN
CREP
CONV
SCCON
ACh
Smart Card Interface
Contacts Register
CLK
CARDC8
CARDC4
CARDIO
CARDCLK CARDRST CARDVCC
SCETU0
ACh Smart Card ETU Register 0
ETU7 - 0
SCETU1
ADh Smart Card ETU Register 1
COMP
ETU10-8
SCISR
ADh
Smart Card UART Interface
Status Register (Read only)
SCTBE
CARDIN
ICARDOVF
VCARDOK
SCWTO
SCTC
SCRC
SCPE
SCIIR
AEh
Smart Card UART Interrupt
Identification Register (Read
only)
SCTBI
ICARDERR VCARDERR
SCWTI
SCTI
SCRI
SCPI
SCIER
AEh
Smart Card UART Interrupt
Enable Register
ESCTBI
ICARDER EVCARDER
ESCWTI
ESCTI
ESCRI
ESCPI
SCSR
ABh
Smart Card Selection
Register
BGTEN
CREPSEL
ALTKPS1-0
SCCLK1
SCRS
SCIBUF
AAh Smart Card Buffer Register
Can store a new byte to be transmitted on the I/O pin when SCTBE is set. Bit ordering on the I/O pin
depends on the convention
Provides the byte received from the I/O pin when SCRI is set. Bit ordering on the I/O pin depends on
the convention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More