| データシートサーチシステム |
|
UPSD3254A データシート(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3254A データシート(HTML) 76 Page - STMicroelectronics |
|
76 / 175 page ![]() UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV 76/175 Programmable Period 8-bit PWM The PWM 4 channel can be programmed to pro- vide a PWM output with variable pulse width and period. The PWM 4 has a 16-bit Prescaler, an 8- bit Counter, a Pulse Width Register, and a Period Register. The Pulse Width Register defines the PWM pulse width time, while the Period Register defines the period of the PWM. The input clock to the Prescaler is fOSC/2. The PWM 4 channel is as- signed to Port 4.7. Figure 37. Programmable PWM 4 Channel Block Diagram AI07091 Port 4.7 16-bit Prescaler Register (B4h, B3h) 16-bit Prescaler Counter 8-bit Counter 8-bit PWM4P Register (Period) 8-bit PWM4 Comparator Register 8-bit PWM4 Comparator PWM4 Control Match CPU RD/WR Load Load Clock Reset PWMCON Bit 6 (PWMP) DATA BUS CPU RD/WR fOSC / 2 PWMCON Bit 5 (PWME) 8 16 8 8 8 8 8-bit PWM4W Register (Width) 8-bit PWM4 Comparator Register 8-bit PWM4 Comparator 8 88 8 8 |