データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP7606ER-L/TR データシート(PDF) 10 Page - Exar Corporation

部品番号 SP7606ER-L/TR
部品情報  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606ER-L/TR データシート(HTML) 10 Page - Exar Corporation

Back Button SP7606ER-L/TR Datasheet HTML 6Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 7Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 8Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 9Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 10Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 11Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 12Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 13Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
10 of 17
filter characteristics are composed of a single
pole and a single zero. The following equations
show the location of the pole and zero for the
output filter of the boost regulator.
Cesr
Cout
ESRzero
⋅
⋅
⋅
=
π
2
1
For
most
applications
that
operate
in
discontinues conduction mode the internal
compensation is sufficient and no external
compensation is required.
Boost regulator output filter CCM
When a boost regulator is running in
continuous conduction mode the output filter
characteristics are composed of a filter double
pole an ESR_zero and a right half plane (RHP)
zero.
Frequency Hz
Gain dB
0
0 deg
Phase deg
-90 (deg)
Gain of Control to Output transfer DCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17