データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER20ADIP データシート(PDF) 21 Page - STMicroelectronics

部品番号 VIPER20ADIP
部品情報  SMPS PRIMARY I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20ADIP データシート(HTML) 21 Page - STMicroelectronics

Back Button VIPER20ADIP Datasheet HTML 17Page - STMicroelectronics VIPER20ADIP Datasheet HTML 18Page - STMicroelectronics VIPER20ADIP Datasheet HTML 19Page - STMicroelectronics VIPER20ADIP Datasheet HTML 20Page - STMicroelectronics VIPER20ADIP Datasheet HTML 21Page - STMicroelectronics VIPER20ADIP Datasheet HTML 22Page - STMicroelectronics VIPER20ADIP Datasheet HTML 23Page - STMicroelectronics VIPER20ADIP Datasheet HTML 24Page - STMicroelectronics VIPER20ADIP Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
VIPer20/SP/DIP - VIPer20A/ASP/ADIP
DIM.
mm.
MIN.
TYP
MAX.
A
5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.36
0.46
0.56
b2
1.14
1.52
1.78
c
0.20
0.25
0.36
D
9.02
9.27
10.16
E
7.62
7.87
8.26
E1
6.10
6.35
7.11
e2.54
eA
7.62
eB
10.92
L
2.92
3.30
3.81
Package Weight
Gr. 470
P001
Plastic DIP-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25