データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER22A データシート(PDF) 11 Page - STMicroelectronics

部品番号 VIPER22A
部品情報  LOW POWER OFF LINE SMPS PRIMARY SWITCHER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER22A データシート(HTML) 11 Page - STMicroelectronics

Back Button VIPER22A Datasheet HTML 7Page - STMicroelectronics VIPER22A Datasheet HTML 8Page - STMicroelectronics VIPER22A Datasheet HTML 9Page - STMicroelectronics VIPER22A Datasheet HTML 10Page - STMicroelectronics VIPER22A Datasheet HTML 11Page - STMicroelectronics VIPER22A Datasheet HTML 12Page - STMicroelectronics VIPER22A Datasheet HTML 13Page - STMicroelectronics VIPER22A Datasheet HTML 14Page - STMicroelectronics VIPER22A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
VIPer22ADIP / VIPer22AS
11/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5
0.188
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4
0.14
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S
8 (max.)
L1
0.8
1.2
0.031
0.047
1
SO-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15