| データシートサーチシステム |
|
T89C51CC02CA-RATIM データシート(PDF) 72 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02CA-RATIM データシート(HTML) 72 Page - ATMEL Corporation |
|
72 / 159 page ![]() 72 AT/T89C51CC02 4126L–CAN–01/08 Table 53. WDTRST Register WDTRST (S:A6h Write Only) – Watchdog Timer Enable register Reset Value = 1111 1111b Note: The WDRST register is used to reset/enable the WDT by writing 1EH then E1H in sequence without instruction between these two sequences. 765 43210 -------- Bit Number Bit Mnemonic Description 7 - Watchdog Control Value |