データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN03SP データシート(PDF) 4 Page - STMicroelectronics

部品番号 VN03SP
部品情報  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN03SP データシート(HTML) 4 Page - STMicroelectronics

  VN03SP Datasheet HTML 1Page - STMicroelectronics VN03SP Datasheet HTML 2Page - STMicroelectronics VN03SP Datasheet HTML 3Page - STMicroelectronics VN03SP Datasheet HTML 4Page - STMicroelectronics VN03SP Datasheet HTML 5Page - STMicroelectronics VN03SP Datasheet HTML 6Page - STMicroelectronics VN03SP Datasheet HTML 7Page - STMicroelectronics VN03SP Datasheet HTML 8Page - STMicroelectronics VN03SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS(continued)
PROTECTION AND DIAGNOSTICS
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSTAT
St atus Voltage Out put
Low
ISTAT =1.6 mA
0.4
V
VUSD
Under Voltage Shut
Down
5V
VSCL
St atus Clamp Voltage
ISTAT =10 mA
ISTAT =-10 mA
6
-0. 7
V
V
IOV
Over Current
RLOAD <10 m
-40 Tc 125
oC28
A
IAV
Average Current in
Short Circuit
RLOAD <10 m
Tc =85
oC0.9
A
IOL
Open Load Current
Level
535
70
mA
TTSD
Thermal Shut-down
Temperat ure
140
oC
TR
Reset Temperature
125
oC
VOL
Open Load Voltage
Level
Of f-St ate (note 2)
2. 5
3. 75
5
V
t1(on)
Open Load Filtering
Time
(note 3)
1
5
10
ms
t1(off)
Open Load Filtering
Time
(note 3)
1
5
10
ms
t2(off)
Open Load Filtering
Time
(note 3)
1
5
10
ms
tpovl
St atus Delay
(note 3)
5
10
µs
tpo l
St atus Delay
(note 3)
50
700
µs
(^) See Switchig Time Waveforms
() The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
note 1:The Nominal Current is the current at Tc =85
oC for battery voltage of 13V which produces a voltage drop of 0.5 V
note 2:IOL(off) =(VCC -VOL)/ROL (see figure)
note 3:t1(on): minimum open load duration which acctivates the status output
t1(off): minimum load recovery time which desactivates the status output
t2(off): minimum on time after thermal shut down which desactivates status output
tpovl tpol: ISO definition (see figure)
Note 2 Relevant Figure
Note 3 Relevant Figure
VN03SP
4/9



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com