| データシートサーチシステム |
|
AT89C51AC3-RDTIM データシート(PDF) 115 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51AC3-RDTIM データシート(HTML) 115 Page - ATMEL Corporation |
|
115 / 140 page ![]() 115 AT89C51AC3 4383D–8051–02/08 Registers Table 65. IEN0 Register IEN0 (S:A8h) Interrupt Enable Register Reset Value = 0000 0000b bit addressable 7 6 5 4 3 2 1 0 EA EC ET2 ES ET1 EX1 ET0 EX0 Bit Number Bit Mnemonic Description 7 EA Enable All Interrupt bit Clear to disable all interrupts. Set to enable all interrupts. If EA=1, each interrupt source is individually enabled or disabled by setting or clearing its interrupt enable bit. 6 EC PCA Interrupt Enable Clear to disable the PCA interrupt. Set to enable the PCA interrupt. 5 ET2 Timer 2 Overflow Interrupt Enable bit Clear to disable Timer 2 overflow interrupt. Set to enable Timer 2 overflow interrupt. 4 ES Serial Port Enable bit Clear to disable serial port interrupt. Set to enable serial port interrupt. 3 ET1 Timer 1 Overflow Interrupt Enable bit Clear to disable timer 1 overflow interrupt. Set to enable timer 1 overflow interrupt. 2 EX1 External Interrupt 1 Enable bit Clear to disable external interrupt 1. Set to enable external interrupt 1. 1 ET0 Timer 0 Overflow Interrupt Enable bit Clear to disable timer 0 overflow interrupt. Set to enable timer 0 overflow interrupt. 0 EX0 External Interrupt 0 Enable bit Clear to disable external interrupt 0. Set to enable external interrupt 0. |