| データシートサーチシステム |
|
AT89C51AC3-RDTIM データシート(PDF) 54 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51AC3-RDTIM データシート(HTML) 54 Page - ATMEL Corporation |
|
54 / 140 page ![]() 54 AT89C51AC3 4383D–8051–02/08 Sharing Instructions Table 19. Instructions shared Note: by cl : using Column Latch Table 20. Read MOVX A, @DPTR Table 21. Write MOVX @DPTR,A Action RAM XRAM ERAM EEPROM DATA Boot FLASH FM0 Hardware Byte XROW Read MOV MOVX MOVX MOVC MOVC MOVC MOVC Write MOV MOVX MOVX - by cl by cl by cl EEE bit in EECON Register FPS in FCON Register ENBOOT EA XRAM ERAM EEPROM DATA Flash Column Latch 0 0 X X OK 0 1 X X OK 1 0 X X OK 1 1 X X OK EEE bit in EECON Register FPS bit in FCON Register ENBOOT EA XRAM ERAM EEPROM Data Flash Column Latch 0 0 X X OK 0 1 X 1 OK 0 OK 1 0 X X OK 1 1 X 1 OK 0 OK |