| データシートサーチシステム |
|
AT89C51RD2-RDTUM データシート(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51RD2-RDTUM データシート(HTML) 20 Page - ATMEL Corporation |
|
20 / 137 page ![]() 20 4235K–8051–05/08 AT89C51RD2/ED2 Reset Value = XXXX XXX0b Not bit addressable 2 - Reserved 1 - Reserved 0 SPIX2 SPI (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect). Clear to select 6 clock periods per peripheral clock cycle. Set to select 12 clock periods per peripheral clock cycle. Bit Number Bit Mnemonic Description |