データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN410012Y データシート(PDF) 9 Page - STMicroelectronics

部品番号 VN410012Y
部品情報  SMART DIRECTION INDICATOR 2 CHANNEL DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN410012Y データシート(HTML) 9 Page - STMicroelectronics

Back Button VN410012Y Datasheet HTML 3Page - STMicroelectronics VN410012Y Datasheet HTML 4Page - STMicroelectronics VN410012Y Datasheet HTML 5Page - STMicroelectronics VN410012Y Datasheet HTML 6Page - STMicroelectronics VN410012Y Datasheet HTML 7Page - STMicroelectronics VN410012Y Datasheet HTML 8Page - STMicroelectronics VN410012Y Datasheet HTML 9Page - STMicroelectronics VN410012Y Datasheet HTML 10Page - STMicroelectronics VN410012Y Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.710
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.870
0.886
L2
17.65
18.1
0.695
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.63
5.08
5.53
0.182
0.200
0.218
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
0016036
MULTIWATT-15 MECHANICAL DATA
VN410
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11