| データシートサーチシステム |
|
MSP430F2002IPWR データシート(PDF) 51 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2002IPWR データシート(HTML) 51 Page - Texas Instruments |
|
51 / 88 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007 51 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION, MSP430x20x1 Port P1 (P1.0 to P1.3) pin functions, MSP430x20x1 PIN NAME (P1 X) X FUNCTION CONTROL BITS / SIGNALS PIN NAME (P1.X) X FUNCTION P1DIR.x P1SEL.x CAPD.x P1.0/TACLK/ACLK/ 0 P1.0† Input/Output 0/1 0 0 / / / CA0 Timer_A2.TACLK/INCLK 0 1 0 ACLK 1 1 0 CA0(seeNote3) X X 1 P1.1/TA0/CA1 1 P1.1† Input/Output 0/1 0 0 / / Timer_A2.CCI0A 0 1 0 Timer_A2.TA0 1 1 0 CA1(seeNote3) X X 1 P1.2/TA1/CA2 2 P1.2† Input/Output 0/1 0 0 / / Timer_A2.CCI1A 0 1 0 Timer_A2.TA1 1 1 0 CA2(seeNote3) X X 1 P1.3/CAOUT/CA3 3 P1.3† Input/Output 0/1 0 0 / / N/A 0 1 0 CAOUT 1 1 0 CA3(seeNote3) X X 1 † Default after reset (PUC/POR) NOTES: 1. N/A: Not available or not applicable. 2. X: Don’t care. 3. Setting the CAPD.x bit disables the output driver as well as the input schmitt trigger to prevent parasitic cross currents when applying analog signals. Selecting the CAx input pin to the comparator multiplexer with the P2CAx bits automatically disables the input buffer for that pin, regardless of the state of the associated CAPD.x bit. |