| データシートサーチシステム |
|
ISO7240CFDWRG4 データシート(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7240CFDWRG4 データシート(HTML) 4 Page - Texas Instruments |
|
4 / 25 page ![]() ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 5-V (1) OPERATION ISO7240CF, ISO7240C ,, ISO7240M ISO7241C, ISO7241M ISO7242C, ISO7242M SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com , over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SUPPLY CURRENT Quiescent 1 3 VI = VCC or 0 V, All channels, no load, ISO7240C/M mA EN2 at 3 V 25 Mbps 7 10.5 Quiescent 6.5 10 VI = VCC or 0 V, All channels, no load, ICC1 ISO7241C/M mA EN1 at 3 V, EN2 at 3 V 25 Mbps 12 18 Quiescent 10 16 VI = VCC or 0 V, All channels, no load, ISO7242C/M mA EN1 at 3 V, EN2 at 3 V 25 Mbps 15 24 Quiescent 15 22 VI = VCC or 0 V, All channels, no load, ISO7240C/M mA EN2 at 3 V 25 Mbps 17 25 Quiescent 13 20 VI = VCC or 0 V, All channels, no load, ICC2 ISO7241C/M mA EN1 at 3 V, EN2 at 3 V 25 Mbps 18 28 Quiescent 10 16 VI = VCC or 0 V, All channels, no load, ISO7242C/M mA EN1 at 3 V, EN2 at 3 V 25 Mbps 15 24 ELECTRICAL CHARACTERISTICS IOFF Sleep mode output current EN at 0 V, Single channel 0 µA IOH = –4 mA, See Figure 1 VCC – 0.8 VOH High-level output voltage V IOH = –20 µA, See Figure 1 VCC – 0.1 IOL = 4 mA, See Figure 1 0.4 VOL Low-level output voltage V IOL = 20 µA, See Figure 1 0.1 VI(HYS) Input voltage hysteresis 150 mV IIH High-level input current 10 IN from 0 V to VCC µA IIL Low-level input current –10 CI Input capacitance to ground IN at VCC, VI = 0.4 sin (4E6πt) 2 pF CMTI Common-mode transient immunity VI = VCC or 0 V, See Figure 5 25 50 kV/ µs (1) For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. For the 3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V. 4 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M |