| データシートサーチシステム |
|
ATSAM3108B データシート(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM3108B データシート(HTML) 21 Page - ATMEL Corporation |
|
21 / 23 page ![]() 21 6092C–DRMSD–12-Feb-07 ATSAM3108B 14. Product Development and Debugging Atmel provides an integrated product development and debugging tool SamVS. SamVS runs under Windows® (98, ME, 2000, XP). Within the environment, it is possible to: •Edit • Assemble • Debug on real target (In-circuit Emulation) • Program Dataflash, EEPROM, SmartMedia on target. Two dedicated IC pins, STIN and STOUT allow running firmware directly into the target using standard PC COM port communication at 57.6 Kbauds. Thus time-to-market is optimized by testing directly on the final prototype. A library of frequently used functions is available, such as: • Reverb/Chorus • MP3 decode • 31-band equalizer • Parametric equalizer Atmel engineers are available to study customer-specific applications. |