| データシートサーチシステム |
|
WARP11 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
WARP11 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 19 page ![]() Symbol Parameter Value Unit VDD Supply Voltage -0.5 to 7 V VI Input Voltage -0.5 to VDD+0.5 V VO Ouput Voltage -0.5 to VDD+0.5 V IOL Output Sink Peak Current +24 mA IOH Output Source Peak Current -12 mA TOPT Operating Temperature 0 to +70 °C TSTG Storage Temperature (Ceramic) -65 to +150 °C Storage Temperature (Plastic) -45 to +125 °C Table 2. Absolute Maximum Ratings Notes: Stresses above those listed in the Table ”Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents. Figure 2. CPGA100 Pin Configuration 2/19 W.A.R.P.1.1 |