データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THS8136IPHPR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 THS8136IPHPR
部品情報  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

THS8136IPHPR データシート(HTML) 6 Page - Texas Instruments

Back Button THS8136IPHPR Datasheet HTML 2Page - Texas Instruments THS8136IPHPR Datasheet HTML 3Page - Texas Instruments THS8136IPHPR Datasheet HTML 4Page - Texas Instruments THS8136IPHPR Datasheet HTML 5Page - Texas Instruments THS8136IPHPR Datasheet HTML 6Page - Texas Instruments THS8136IPHPR Datasheet HTML 7Page - Texas Instruments THS8136IPHPR Datasheet HTML 8Page - Texas Instruments THS8136IPHPR Datasheet HTML 9Page - Texas Instruments THS8136IPHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DACs
Z = 75
S
W
Z =75
(Monitor)
L
W
75-
Cable
W
I
OUT
350
450
550
650
750
850
950
1050
1150
1250
1350
1.8 2.3 2.8 3.3 3.8 4.3 4.8 5.3 5.8 6.3 6.8 7.3
1450
OUTPUT VOLTAGE
vs
FULL-SCALE RESISTANCE
R
– Full-Scale Resistance – k
( S)
W
F
Full-scale DAC output
current adjustment
at 37.5-
DAC termination
W
THS8136
SLES236 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Figure 2. DAC Output Termination
Figure 3. Output Voltage vs Full-Scale Resistance
The user is free to connect another resistor value, but care should be taken not to exceed the maximum current
level on each of the DAC outputs as shown in the specifications section. Additionally, DAC output linearity will
degrade if the 1.2-V maximum output compliance is exceeded.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17