| データシートサーチシステム |
|
AT80C51RA2-RLSIV データシート(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80C51RA2-RLSIV データシート(HTML) 14 Page - ATMEL Corporation |
|
14 / 86 page ![]() 14 4188F–8051–01/08 AT/TS8xC51Rx2 Reset Value = XXXX XXX0b Not bit addressable For further details on the X2 feature, please refer to ANM072 available on the web (http://www.atmel.com) 4 - Reserved The value read from this bit is indeterminate. Do not set this bit. 3 - Reserved The value read from this bit is indeterminate. Do not set this bit. 2 - Reserved The value read from this bit is indeterminate. Do not set this bit. 1 - Reserved The value read from this bit is indeterminate. Do not set this bit. 0 X2 CPU and peripheral clock bit Clear to select 12 clock periods per machine cycle (STD mode, FOSC=FXTAL/2). Set to select 6 clock periods per machine cycle (X2 mode, FOSC=FXTAL). Bit Number Bit Mnemonic Description |