| データシートサーチシステム |
|
HCPL-J314 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-J314 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 16 page ![]() 2 Selection Guide Package Type Part Number Number of Channels 8-pinDIP(300Mil) HCPL-J314 1 SO16 HCPL-314J 2 Note:PleaserefertoHCPL-314Jdatasheetformoredetails Ordering Information HCPL-J314isULRecognizedwith3750Vrmsfor1minuteperUL1577. Part Number Option Package Surface Mount Gull Wing Tape & Reel IEC/EN/DIN EN 60747-5-2 Quantity RoHS Compliant Non RoHS Compliant HCPL-J314 -000E No option 300mil DIP-8 X 50 per tube -300E #300 X X X 50 per tube -500E #500 X X X X 1000 per reel Toorder,chooseapartnumberfromthepartnumbercolumnandcombinewiththedesiredoptionfromtheoption columntoformanorderentry. Example 1: HCPL-J314-500E to order product of 300 mil DIP GullWing Surface Mount package inTape and Reel packagingwithIEC/EN/DINEN60747-5-2SafetyApprovalinRoHScompliant. Example2:HCPL-J314toorderproductof300milDIPpackageintubepackagingwithIEC/EN/DINEN60747-5-2Safety ApprovalandnonRoHScomplaint Optiondatasheetsareavailable.ContactyourAvagosalesrepresentativeorauthorizeddistributorforinformation. Remarks:Thenotation‘#XXX’isusedforexistingproducts,while(new)productslaunchedsince15thJuly2001and RoHScompliantoptionwilluse‘-XXXE‘. |