| データシートサーチシステム |
|
497-7702 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
497-7702 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() Characteristics Z04 2/8 1 Characteristics Table 2. Electrical Characteristics (Tj = 25° C, unless otherwise specified) Symbol Test Conditions Quadrant Z04 Unit 02 05 09 10 IGT (1) 1. minimum IGT is guaranted at 5% of IGT max. VD = 12 V RL = 30 Ω I - II - III - IV MAX . 35 10 25 mA VGT ALL MAX . 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125° C ALL MIN. 0.2 V IH (2) 2. for both polarities of A2 referenced to A1. IT = 50 mA MAX . 35 10 25 mA IL IG = 1.2 IGT I - III - IV MAX . 610 15 25 mA II 12 15 25 50 dV/dt (2) VD = 6 % VDRM gate open Tj = 110° C MIN. 10 20 100 200 V/µs (dV/dt)c (2) (dI/dt)c = 1.8 A/ms Tj = 110° C MIN. 0.5 1 2 5 V/µs Table 3. Static Characteristics Symbol Test Conditions Value Unit VTM (1) 1. for both polarities of A2 referenced to A1. ITM = 5.5 A tp = 380 µs Tj = 25° C MAX. 2.0 V Vto (1) Threshold voltage Tj = 125° C MAX. 0.95 V Rd (1) Dynamic resistance Tj = 125° C MAX. 180 m Ω IDRM IRRM VDRM = VRRM Tj = 25° C MAX. 5µA Tj = 125° C 0.5 mA Table 4. Thermal resistances Symbol Parameter Value Unit Rth(j-I) Junction to lead (AC) 15 ° C/W Rth(j-a) Junction to ambient 100 ° C/W |