| データシートサーチシステム |
|
F75111RG データシート(PDF) 11 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F75111RG データシート(HTML) 11 Page - Feature Integration Technology Inc. |
|
11 / 45 page ![]() July, 2007 V0.27P - 9 - F75111 0 Start By Master 0 1 011 0 1 D7 D6 D5 D4 D3 D2 D1 D0 Ack by 111 R/W Ack by 111 SCL SDA 78 0 7 8 0 Frame 2 Internal Index Register Byte Frame 1 Serial Bus Address Byte Figure 2. Serial Bus Write to Internal Address Register Only Stop by Master (c) Serial bus read from a register with the internal address register prefer to desired location 0 Start By Master 0 1 011 0 1 D7 D6 D5 D4 D3 D2 D1 D0 Ack by Master R/W Ack by 111 SCL SDA 78 0 7 8 0 Frame 2 Internal Index Register Byte Frame 1 Serial Bus Address Byte Figure 3. Serial Bus Read from Internal Address Register Stop by Master 7. Registers Description 7.1 Configuration and Control Register – Index 01h Power-on default [7:0] =0000_1000b Bit Name R/W PWR Description 7 INIT R/W VSB3V Software reset for all registers including Test Mode registers. Users use only. 6 Reserved R/W VSB3V 5 EN_WDT10 R/W VSB3V Enable Reset Out. If set to 1, enable WDTOUT10# output. Default is disable. 4 Reserved R/W VSB3V 3 Reserved R/W VSB3V 2 Reserved R/W VSB3V 1 SMART_POW R_MANAGEM ENT R/W VSB3V Set this bit to 1 will enable auto power down mode, when all function are idle then 20ms the chip will auto power down, it will wakeup when GPIO state change or read write register 0 SOFT_POWR_ DOWN R/W VSB3V Set this bit to 1 will power down all of the analog block and stop internal clock, write 0 to clear this bit or when GPIO state change will auto clear this bit to 0. |