データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F75373 データシート(PDF) 21 Page - Feature Integration Technology Inc.

部品番号 F75373
部品情報  Fintek Hardware Monitor IC Datasheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINTEK [Feature Integration Technology Inc.]
ホームページ  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373 データシート(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75373 Datasheet HTML 17Page - Feature Integration Technology Inc. F75373 Datasheet HTML 18Page - Feature Integration Technology Inc. F75373 Datasheet HTML 19Page - Feature Integration Technology Inc. F75373 Datasheet HTML 20Page - Feature Integration Technology Inc. F75373 Datasheet HTML 21Page - Feature Integration Technology Inc. F75373 Datasheet HTML 22Page - Feature Integration Technology Inc. F75373 Datasheet HTML 23Page - Feature Integration Technology Inc. F75373 Datasheet HTML 24Page - Feature Integration Technology Inc. F75373 Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
16
F75373
7-0
SERIAL_ADDR
RO
Serial Bus address. Power on default value depends on the status of
pin3(PWMOUT1/ADDR_TRAP) at the moment of power on. If the pin
status is 1, the value is 5Ch, otherwise is 5Ah.
To read or write registers of this chip, the serial address must match
this value.
This register can be written by a sequence value to this register :
A9h, C3h, XXh, in which XXh will be the value being written to this
register; this is to protect the register from being written by accident.
6.6
Value RAM
 Index 10h- 2Fh
Address 10-3F
Attribute
Description
10h
RO
VCC reading. The unit of reading is 7.8125mV.
11h
RO
V1 reading. The unit of reading is 7.8125mV.
12h
RO
V2 reading. The unit of reading is 7.8125mV.
13h
RO
V3 reading. The unit of reading is 7.8125mV.
14h
RO
Temperature 1 reading. The unit of reading is 1
ºC.
15h
RO
Temperature 2 reading. The unit of reading is 1
ºC.
16h
RO
FAN1 count reading (MSB)
17h
RO
FAN1 count reading (LSB)
18h
RO
FAN2 count reading (MSB)
19h
RO
FAN2 count reading (LSB)
1Ah~1Eh
Reserved
20h
R/W
VCC High Limit. The unit is 7.8125mV.
21h
R/W
VCC Low Limit. The unit is 7.8125mV.
22h
R/W
V1 High Limit. The unit is 7.8125mV.
23h
R/W
V1 Low Limit. The unit is 7.8125mV.
24h
R/W
V2 High Limit. The unit is 7.8125mV.
25h
R/W
V2 Low Limit. The unit is 7.8125mV.
26h
R/W
V3 High Limit. The unit is 7.8125mV.
27h
R/W
V3 Low Limit. The unit is 7.8125mV.
28h
R/W
Temperature sensor 1 High Limit. The unit is 1
ºC.
29h
R/W
Temperature sensor 1 Hysteresis Limit. The unit is 1
ºC.
2A h
R/W
Temperature sensor 2 High Limit. The unit is 1
ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com