データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1677IS8 データシート(PDF) 2 Page - Linear Technology

部品番号 LT1677IS8
部品情報  Low Noise, Rail-to-Rail Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1677IS8 データシート(HTML) 2 Page - Linear Technology

  LT1677IS8 Datasheet HTML 1Page - Linear Technology LT1677IS8 Datasheet HTML 2Page - Linear Technology LT1677IS8 Datasheet HTML 3Page - Linear Technology LT1677IS8 Datasheet HTML 4Page - Linear Technology LT1677IS8 Datasheet HTML 5Page - Linear Technology LT1677IS8 Datasheet HTML 6Page - Linear Technology LT1677IS8 Datasheet HTML 7Page - Linear Technology LT1677IS8 Datasheet HTML 8Page - Linear Technology LT1677IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1677
1677fa
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 11)
35
90
µV
0
°C ≤ TA ≤ 70°C
●
55
150
µV
–40
°C ≤ TA ≤ 85°C
●
75
210
µV
VCM = VS + 0.1V
150
400
µV
VCM = VS – 0.2V, 0°C ≤ TA ≤ 70°C
●
180
550
µV
VCM = VS – 0.3V, – 40°C ≤ TA ≤ 85°C
●
200
650
µV
VCM = – 0.1V
1.5
5.0
mV
VCM = 0V, 0°C ≤ TA ≤ 70°C
●
1.8
6.0
mV
VCM = 0V, – 40°C ≤ TA ≤ 85°C
●
2.0
6.5
mV
∆VOS
Average Input Offset Drift (Note 10)
SO-8
●
0.40
2.0
µV/°C
∆Temp
N8
●
0.20
1.5
µV/°C
∆VOS
Long Term Input Voltage Stability
0.3
µV/Mo
∆Time
IB
Input Bias Current (Note 11)
±2
±20
nA
0
°C ≤ TA ≤ 70°C
●
±3
±35
nA
–40
°C ≤ TA ≤ 85°C
●
±7
±50
nA
VCM = VS + 0.1V
0.19
0.40
µA
VCM = VS – 0.2V, 0°C ≤ TA ≤ 70°C
●
0.19
0.60
µA
VCM = VS – 0.3V, – 40°C ≤ TA ≤ 85°C
●
0.25
0.75
µA
VCM = – 0.1V
– 1.2
– 0.41
µA
VCM = 0V, 0°C ≤ TA ≤ 70°C
●
–2.0
– 0.45
µA
VCM = 0V, – 40°C ≤ TA ≤ 85°C
●
–2.3
– 0.47
µA
IOS
Input Offset Current (Note 11)
415
nA
0
°C ≤ TA ≤ 70°C
●
520
nA
–40
°C ≤ TA ≤ 85°C
●
840
nA
VCM = VS + 0.1V
6
30
nA
VCM = VS – 0.2V, 0°C ≤ TA ≤ 70°C
●
10
40
nA
VCM = VS – 0.3V, – 40°C ≤ TA ≤ 85°C
●
15
65
nA
VCM = – 0.1V
20
100
nA
VCM = 0V, 0°C ≤ TA ≤ 70°C
●
25
150
nA
VCM = 0V, – 40°C ≤ TA ≤ 85°C
●
30
160
nA
(Note 1)
Supply Voltage ......................................................
±22V
Input Voltages (Note 2) ............ 0.3V Beyond Either Rail
Differential Input Current (Note 2) .....................
±25mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
Operating Temperature Range
LT1677C (Note 4) ............................. – 40
°C to 85°C
LT1677I ............................................. – 40
°C to 85°C
Specified Temperature Range
LT1677C (Note 5) ............................. – 40
°C to 85°C
LT1677I ............................................. – 40
°C to 85°C
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 3V, VCM = VO = 1.7V; VS = 5V, VCM = VO = 2.5V unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
ORDER PART NUMBER
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LT1677CS8
LT1677IS8
LT1677CN8
LT1677IN8
1677
1677I
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
VOS
TRIM
VOS
TRIM
+VS
OUT
NC
–IN
+IN
–VS
–
+
TJMAX = 150°C, θJA = 150°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S0-8)
S8 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20