データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCMBR20100CT データシート(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

部品番号 TCMBR20100CT
部品情報  20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
ホームページ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCMBR20100CT データシート(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCMBR20100CT Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMBR20100CT Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
May 2008 Release, Revision C
Page 2
TAK CHEONG
®
SEMICONDUCTOR
TO220 PACKAGE OUTLINE
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.140
0.190
3.56
4.83
A1
0.020
0.055
0.51
1.40
A2
0.080
0.115
2.03
2.92
b
0.015
0.040
0.38
1.02
b2
0.045
0.070
1.14
1.78
c
0.014
0.024
0.36
0.61
D
0.560
0.650
14.22
16.51
e
0.096
0.104
2.44
2.64
E
0.380
0.420
9.65
10.67
H1
0.230
0.270
5.84
6.86
L
0.500
0.580
12.70
14.73
L1
---
0.250
---
6.35
ØP
0.139
0.161
3.53
4.09
Q
0.100
0.135
2.54
3.43
NOTE: Above package outline conforms to JEDEC TO-220AB.
This datasheet presents technical data of Tak Cheong’s Schottky Diodes. Complete specifications for the individual devices are
provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of
components required for a specific application. For additional information, please visit our website http://www.takcheong.com.
Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak
Cheong. Please consult your nearest Tak Cheong’s sales office for further assistance.
Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability,
function or design, cost and productivity.
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
TAK CHEONG
®



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com