データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSTM-S3-TR-16016.384M データシート(PDF) 3 Page - Connor-Winfield Corporation

部品番号 MSTM-S3-TR-16016.384M
部品情報  Stratum 3 Timing Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONNOR-WINFIELD [Connor-Winfield Corporation]
ホームページ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-TR-16016.384M データシート(HTML) 3 Page - Connor-Winfield Corporation

  MSTM-S3-TR-16016.384M Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-TR-16016.384M Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-TR-16016.384M Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-TR-16016.384M Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-TR-16016.384M Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-TR-16016.384M Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-TR-16016.384M Datasheet HTML 7Page - Connor-Winfield Corporation MSTM-S3-TR-16016.384M Datasheet HTML 8Page - Connor-Winfield Corporation MSTM-S3-TR-16016.384M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet #: TM027
Page 3 of 16
Rev: P05
Date: 12 / 02 / 02
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
NOTES:
1.0:
Stresses beyond those listed under Absolute Maximum Rating may cause damage
to the device. Operation beyond Recommended Conditions is not implied.
2.0:
Logic is 3.3V CMOS
3.0
GR-1244-CORE 3.2.1
Recommended Operating Conditions
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power supply voltage
4.75
5.00
5.25
Volts
V
TH
Reset threshold voltage
4.25
4.5
Volts
V
IH
High level input voltage - TTL
2.0
V
CC
Volts
V
IL
Low level input voltage - TTL
0
0.8
Volts
t
IN
Input signal transition - TTL
250
ns
C
IN
Input capacitance
15
pF
V
OH
High level output voltage,
2.4
5.25
Volts
2.0
I
OH = -4.0mA,
V
CC = min.
V
OL
Low level output voltage,
0.4
Volts
I
OL = 12.0 mA,
V
CC = min.
t
TRANS
Clock output transition time
4.0
ns
t
PULSE
8kHz input reference pulse
30
ns
width( positive or negative)
T
OP
Operating temperature
0
70
°C
Specifications
Table 4
Parameter
Specifications
Notes
Frequency Range (Sync_Out)
8 kHz to 77.76 MHz
Frequency Range (Opt_Out)
8 kHz to 77.76 MHz
Supply Current
250 mA typical, 400 mA during warm-up (Maximum)
Timing Reference Inputs
8 kHz - 19.44 MHz
3.0
Jitter, Wander and Phase Transient Tolerances
GR-1244-CORE 4.2-4.4, GR-253-CORE 5.4.4.3.6
Wander Generation
GR-1244-CORE 5.3, GR-253-CORE 5.4.4.3.2
Wander Transfer
GR-1244-CORE 5.4
Jitter Generation
GR-1244-CORE 5.5, GR-253-CORE 5.6.2.3
Jitter Transfer
GR-1244-CORE 5.5, GR-253-CORE 5.6.2.1
Phase Transients
GR-1244-CORE 5.6, GR-253-CORE 5.4.4.3.3
Free Run Accuracy
4.6 ppm over T
OP
Hold Over Stability
±0.37 ppm for initial 24 hrs
4.0
Inital Offset
±0.05 ppm
Temperature
±0.28 ppm
Drift
±0.04 ppm
Maximum Hold Over History
40 seconds
Pull-in/ Hold-in Range
±13.8 ppm minimum
5.0
Lock Time
30 seconds typical
DPLL Bandwidth
< 0.1 Hz
4.0:
Hold Over stability is the cumulative fractional frequency offset as described by
GR-1244-CORE, 5.2
5.0:
Pull-in Range is the maximum frequency deviation from nominal clock rate on the
reference inputs to the timing module that can be overcome to pull into synchronization
with the reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com