| データシートサーチシステム |
|
RPM2AP24 データシート(PDF) 2 Page - Adam Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
RPM2AP24 データシート(HTML) 2 Page - Adam Technologies, Inc. |
|
2 / 2 page ![]() Adam Technologies, Inc. 909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM 57 RELAY POWER RELAY-TYPE RPM R SERIES .015 [0.40] .826 [21.00] MAX. .511 [13.00] MAX. 1.181 [30.00] MAX. SCHEMATIC 1 FORM A .787 [20.00] .137 [3.50] .295 [7.50] .039 [1.00] .295 [7.50] .787 [20.00] .137 [3.50] ø.059 [1.50] 4X Nominal Voltage V DC V DC (max.) Pick-up Voltage V DC (min.) Voltage Drop-out Nominal Operating Current mA (±10%) Coil Resistance (±10%) mW Operating Power Nominal Max allowable Voltage V DC 1 FORM C SCHEMATIC SCHEMATIC 2 FORM C 2 FORM A SCHEMATIC 1 FORM A 1 FORM C .137 [3.50] .787 [20.00] .295 [7.50] 2 FORM A .197 [5.00] .787 [20.00] .295 [7.50] 2 FORM C ø.059 [1.50] 5X .137 [3.50] ø.059 [1.50] 6X ø.059 [1.50] 8X .295 [7.50] .590 [15.00] .197 [5.00] .197 [5.00] COM N.O. COM N.O. N.C. COM N.O. N.O. N.C. COM RPM-1A-P-XX RPM-1C-P-XX RPM-2A-P-XX RPM-2C-P-XX 130%V of nominal Voltage @ 60 C 6 12 9 5 24 16.8 3.5 6.3 8.4 4.2 2.4 0.5 0.9 1.2 0.6 22 106 58 44 88 1,100 47 155 270 68 530 120%V of nominal Voltage @ 85 C RPM SERIES Recommended PCB Layout 1 Form C Recommended PCB Layout 2 Form A Recommended PCB Layout 2 Form C Recommended PCB Layout 1 Form A Schematic 1 Form C Schematic 2 Form A Schematic 2 Form C Schematic 1 Form A RPM-1A-P-XX RPM-1C-P-XX RPM-2A-P-XX RPM-2C-P-XX RPM-1A-P-12 |