データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RKA4P データシート(PDF) 5 Page - Altech corporation

部品番号 RKA4P
部品情報  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTECH [Altech corporation]
ホームページ  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RKA4P データシート(HTML) 5 Page - Altech corporation

  RKA4P Datasheet HTML 1Page - Altech corporation RKA4P Datasheet HTML 2Page - Altech corporation RKA4P Datasheet HTML 3Page - Altech corporation RKA4P Datasheet HTML 4Page - Altech corporation RKA4P Datasheet HTML 5Page - Altech corporation RKA4P Datasheet HTML 6Page - Altech corporation RKA4P Datasheet HTML 7Page - Altech corporation RKA4P Datasheet HTML 8Page - Altech corporation RKA4P Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
72 mm
32 mm
70 mm
62 mm
72 mm
38 mm
Ø79 mm
82 mm
87 mm
54 mm
79 mm
45 mm
34 mm
70 mm
79 mm
45 mm
34 mm
43 mm
105 mm
DOOR MOUNTING KITS
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Direct Handle Accessories
Cat. No.
K/KU3P
K/KU3P Y/R
K/KU4P
K/KU4P Y/R
K/VKA3-4P
K/VKA3-4P Y/R
Color
Black
Yellow/Red
Black
Yellow/Red
Black
Yellow/Red
For use with
KU models (3P)
KU models (3P)
KU models (4P)
KU models (4P)
VKA models (3/4P) VKA models (3/4P)
Dimensions
DIRECT HANDLES
Cat. No.
OKA/KU LK10
OKA/KU LK10 Y/R
Environmental
NEMA Type 4X,
NEMA Type 4X,
Rating
IP66
IP66
Color
Black
Yellow/Red
For use with
KU models (3P)
KU models (3P)
Cat. No.
OKA/V LK11
OKA/V LK11 Y/R
Environmental
NEMA Type 4X,
NEMA Type 4X,
Rating
IP67
IP67
Color
Black
Yellow/Red
For use with
VKA models (3P)
VKA models (3P)
MOUNTING ALTERNATIVES
- ALUMINUM DIN RAIL
Cat. No.
RKA 3P
RKA 4P
For Use With
KU325/40/63N
KU425/40/63N
84 mm
1 mm
14 mm
14 mm
66 mm
7.5 mm
1 mm
7.5 mm
RKA 4P
RKA 3P
NOTE:
In the rare case that your mounting hardware (screws) for
DIN Rail interfere with the enforcement studs in the back of
the Motor Disconnect Switch please use smaller (
≤M3 or
equivalent) flathead screws or change your DIN Rail to the
15mm high version.
Shown with switch and display plate. (sold separately)
Shown with switch and display plate. (sold separately)
Shown with switch. (sold separately)
Dimensions (to convert to inches multiply by 0.03937)
Improved design
with metal shaft.
Use for all your
“inside the panel”
applications.
Designed for fast and easy assembly.
Panel mount option for small Disconnect Switches.
7
Drill
Template
Included
K/KU3P
OKA 0.V, OKA 0.V Y/R
OKA/KU LK10, OKA/KU LK10 Y/R
OKA/V LK11, OKA/V LK11 Y/R
K/KU4P
K/VKA3-4P
Cat. No.
OKA 0.V
OKA 0.V Y/R
Environmental
IP65
IP65
Rating
Color
Black
Yellow/Red
For use with
KU models (3P)
KU models (3P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com