| データシートサーチシステム |
|
TC510COG データシート(PDF) 2 Page - TelCom Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
TC510COG データシート(HTML) 2 Page - TelCom Semiconductor, Inc |
|
2 / 17 page ![]() 3-20 TELCOM SEMICONDUCTOR, INC. * Static-sensitive device. Unused devices must be stored in conductive material. Protect devices from static discharge and static fields. Stresses above those listed under "Absolute Maximum Ratings" may cause perma- nent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. GENERAL DESCRIPTION (Cont.) tains this state until a transition occurs on the CMPTR output, at which time the processor halts its timer. The resulting timer count is the converted analog data. Integrator Zero (the final phase of conversion) removes any residue remain- ing in the integrator in preparation for the next conversion. The TC500/500A/510/514 offer high resolution (up to 17 bits) superior 50Hz/60Hz noise rejection, low power opera- tion, minimum I/O connections, low input bias currents and lower cost compared to other converter technologies having similar conversion speeds. ABSOLUTE MAXIMUM RATINGS* TC510/514 Positive Supply Voltage (VDD to GND) .................................................. +10.5V TC500/500A Supply Voltage (VDD to VSS) ....................................................... +18V TC500/500A Positive Supply Voltage (VDD to GND) ..................................................... +12V TC500/500A Negative Supply Voltage (VSS to GND) ...................................................... – 8V Analog Input Voltage (V+IN or V _ IN) .................... VDD to VSS Logic Input Voltage .................. VDD +0.3V to GND – 0.3V Voltage on OSC ..... – 0.3V to (VDD +0.3V) for VDD < 5.5V Ambient Operating Temperature Range ...... 0 °C to +70°C Storage Temperature Range ................ – 65 °C to +150°C Lead Temperature (Soldering, 10 sec) ................. +300 °C ELECTRICAL CHARACTERISTICS: TC510/514: VDD = +5V, TC500/500A: VS = ±5V unless otherwise specified. CAZ = CREF = 0.47 µF TA = +25 °C TA = 0 °C to +70°C Symbol Parameter Test Conditions Min Typ Max Min Typ Max Unit Analog Resolution Note 1 60 — — — — — µV ZSE Zero-Scale Error TC500/510/514 — — 0.005 — 0.005 0.012 % F.S. with Auto Zero Phase TC500A — — 0.003 — 0.003 0.009 ENL End Point Linearity TC500/510/514, Notes 1, 2, — 0.005 0.015 — 0.015 0.060 % F.S. TC500A — — 0.010 — 0.010 0.045 % F.S. NL Best Case Straight TC500/510/514, Notes 1, 2, — 0.003 0.008 — — — % F.S. Line Linearity TC500A — — 0.005 — — — % F.S. ZSTC Zero-Scale Over Operating — — — 1 2 µV/°C Temperature Temperature Range Coefficient SYE Full-Scale Symmetry Note 3 — 0.01 — — 0.03 — % F.S. Error (Roll-Over Error) FSTC Full-Scale Temperature Over Operating — — — — 10 — ppm/ °C Coefficient Temperature Range External Reference TC = 0ppm/ °C IIN Input Current VIN = 0V — 6 — — — — pA VCMR Common-Mode VSS +1.5 — VDD – 1.5 VSS +1.5 — VDD – 1.5 V Voltage Range Integrator Output Swing VSS +0.9 — VDD – 0.9 VSS +0.9 — VSS +0.9 V Analog Input Signal Range ACOM = GND = 0V VSS +1.5 — VDD – 1.5 VSS +1.5 — VSS +1.5 V VREF Voltage Reference Range V _ REF V + REF VSS +1 — VDD – 1 VSS +1 — VDD – 1 V PRECISION ANALOG FRONT ENDS TC500 TC500A TC510 TC514 |