データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3003 データシート(PDF) 6 Page - Linear Technology

部品番号 LT3003
部品情報  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3003 データシート(HTML) 6 Page - Linear Technology

Back Button LT3003 Datasheet HTML 2Page - Linear Technology LT3003 Datasheet HTML 3Page - Linear Technology LT3003 Datasheet HTML 4Page - Linear Technology LT3003 Datasheet HTML 5Page - Linear Technology LT3003 Datasheet HTML 6Page - Linear Technology LT3003 Datasheet HTML 7Page - Linear Technology LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology LT3003 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3003
6
3003fa
The LT3003 is an easy-to-use 3-channel LED ballaster.
It allows three strings of LEDs to be driven in parallel
with accurate LED current matching. A PWM pin is also
provided allowing LED currents to be turned on and off at
very low duty cycles for very wide LED dimming ranges.
For reliable system thermal management, two output flags,
OT1 and OT2, are provided to indicate when the junction
temperature exceeds 125°C.
The Block Diagram in Figure 1 best illustrates the features
of LT3003. The LT3003 internal bias circuitry is turned on
when VIN > 3V and SHDN > 0.7V. For LED current to be
active in each channel, the PWM pin must exceed 0.5V.
VMAX should be connected to the highest supply in the
application (see various application modes of boost, buck,
buck-boost in the Typical Applications section).
The LT3003 ballasting feature is achieved by using the
current monitored in the LED2 channel to control the
current in channels LED1 and LED3. A servo loop exists
for each channel LED1 and LED3 that compares the cur-
rent in each channel to the LED2 reference channel. The
current in LED2 channel is determined by the LED current
programmed by the partner LED driver. Details of how LED
current can be programmed by the partner IC are covered
in the Typical Applications section using various ICs as
LED drivers. Maximum fault current in each of the LT3003
LED pins is internally limited to 550mA. If any LED string
experiences an open-circuit fault, all LED string currents
are turned off.
The LT3003 PWM pin has unique level-shifting circuitry to
allow a simple logic-level PWM signal to turn each LED pin
current on and off regardless of the VEE pin voltage. This
allows very simple PWM dimming control of LED current
without any need for external level-shifting components
in buck mode and buck-boost mode applications. Care is
taken to ensure low current (nano amps) in the VEE and
VMAX pins 10µs after PWM low edge. This feature mini-
mizes leakage currents in each application to maximize
PWM dimming ratio. Details of PWM dimming and criti-
cal parameters are given in the Applications Information
section PWM Dimming.
The LT3003 incorporates internal junction temperature
sensing and provides two open-collector outputs, OT1
and OT2, which become active low when junction tem-
perature exceeds 125°C. OT1 is sized to pull 100µA and
can be used as an input to the microprocessor for system
thermal management. OT2 is sized to pull 300µA to defeat
switching for most of LTC’s LED drivers by pulling down
the gm error amplifier output. LT3003 is forced to a “zero
LED current state” by a special internal protection circuit
when junction temperature reaches 150°C.
To calculate the LT3003 junction temperature, see Thermal
Calculations in the Applications Information section.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com