データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

COREAPB3 データシート(PDF) 4 Page - Actel Corporation

部品番号 COREAPB3
部品情報  CoreAPB3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTEL [Actel Corporation]
ホームページ  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAPB3 データシート(HTML) 4 Page - Actel Corporation

  COREAPB3 Datasheet HTML 1Page - Actel Corporation COREAPB3 Datasheet HTML 2Page - Actel Corporation COREAPB3 Datasheet HTML 3Page - Actel Corporation COREAPB3 Datasheet HTML 4Page - Actel Corporation COREAPB3 Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CoreAPB3
4
v2.1
List of Changes
The following table lists critical changes that were made in the current version of the document.
Datasheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully
characterized. Datasheets are designated as "Product Brief," "Advanced," and "Production." The definitions of these
categories are as follows:
Product Brief
The product brief is a summarized version of an advanced or production datasheet containing general product
information. This brief summarizes specific device and family information for unreleased products.
Advanced
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed
grades. This information can be used as estimates, but not for production.
Unmarked (production)
This datasheet version contains information that is considered to be final.
Previous Version Changes in Current Version (v 2 .1 )
Page
v2.0
The "Supported Device Families" section was updated to include ProASIC3L.
1
The "Utilization" section was updated to include ProASIC3L.
3
Advanced v0.1
The "Product Summary" section and "Utilization" section were updated to add Cortex-M1 and
IGLOO/e information.
1, 3
The "Ordering Information" section was updated to state that CoreAPB3 cannot be ordered
separately from the SysBASIC core bundle.
3



Html Pages

1 2 3 4 5