| データシートサーチシステム |
|
COREAI-XX データシート(PDF) 2 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
COREAI-XX データシート(HTML) 2 Page - Actel Corporation |
|
2 / 25 page ![]() CoreAI 2 v2.0 ACM (Analog Configuration MUX) interface, Analog Quads, and RTC (Real-Time Counter). The ACM interface, within the AB macro, is used to control configuration of the Analog Quads and RTC in the Fusion device. CoreAI generates the control signals used by the ACM, including its clock signal, which is generated by an internal clock divider. The ACM clock divider is used to ensure that the ACM interface is clocked at a frequency less than or equal to 10 MHz (refer to "ACM Interface" on page 18 for details). For more details on the silicon features of the AB macro, such as the Analog Quads, RTC, or ACM, refer to the Fusion datasheet. Several aspects of CoreAI can be configured using top- level parameters (Verilog) or generics (VHDL). For a detailed description of the parameters/generics, refer to Table 4 on page 6. The CoreAI block diagram is shown in Figure 1. A typical application using CoreAI is shown in Figure 2. Figure 1 • CoreAI Block Diagram Figure 2 • CoreAI Typical Application CoreAI AB (Analog Block) Analog Inputs Analog Outputs Analog Inputs Used as Digital Inputs µProcessor I/F Logic RTC Inputs RTC Outputs APB I/F Interrupt ACM I/F Logic ADC I/F Logic Fusion Device CorePWM CoreMP7 Temperature Monitor Bipolar Transistor CoreAI |