| データシートサーチシステム |
|
AGLP030-V2CS289 データシート(PDF) 9 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AGLP030-V2CS289 データシート(HTML) 9 Page - Actel Corporation |
|
9 / 14 page ![]() IGLOO PLUS Low-Power Flash FPGAs v1.3 1 - 5 entering/exiting Flash*Freeze mode. It is also possible to use the Flash*Freeze pin as a regular I/O if Flash*Freeze mode usage is not planned. VersaTiles The IGLOO PLUS core consists of VersaTiles, which have been enhanced beyond the ProASICPLUS® core tiles. The IGLOO PLUS VersaTile supports the following: • All 3-input logic functions—LUT-3 equivalent • Latch with clear or set • D-flip-flop with clear or set • Enable D-flip-flop with clear or set Refer to Figure 1-3 for VersaTile configurations. User Nonvolatile FlashROM Actel IGLOO PLUS devices have 1 kbit of on-chip, user-accessible, nonvolatile FlashROM. The FlashROM can be used in diverse system applications: • Internet protocol addressing (wireless or fixed) • System calibration settings • Device serialization and/or inventory control • Subscription-based business models (for example, set-top boxes) • Secure key storage for secure communications algorithms • Asset management/tracking • Date stamping • Version management The FlashROM is written using the standard IGLOO PLUS IEEE 1532 JTAG programming interface. The core can be individually programmed (erased and written), and on-chip AES decryption can be used selectively to securely load data over public networks (except in AGLP030 devices), as in security keys stored in the FlashROM for a user design. Figure 1-2 • IGLOO PLUS Flash*Freeze Mode Actel IGLOO PLUS FPGA Flash*Freeze Mode Control Flash*Freeze Pin Figure 1-3 • VersaTile Configurations X1 Y X2 X3 LUT-3 Data Y CLK Enable CLR D-FF Data Y CLK CLR D-FF LUT-3 Equivalent D-Flip-Flop with Clear or Set Enable D-Flip-Flop with Clear or Set |