| データシートサーチシステム |
|
TS80C52X2-LCCD データシート(PDF) 9 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
TS80C52X2-LCCD データシート(HTML) 9 Page - TEMIC Semiconductors |
|
9 / 54 page ![]() Rev. B - Jan. 25, 1999 9 Preliminary TS80C52X2 Table 4. CKCON Register CKCON - Clock Control Register (8Fh) Reset Value = XXXX XXX0b Not bit addressable 7 6 5 4 3 2 1 0 - - - - - - - X2 Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 - Reserved The value read from this bit is indeterminate. Do not set this bit. 5 - Reserved The value read from this bit is indeterminate. Do not set this bit. 4 - Reserved The value read from this bit is indeterminate. Do not set this bit. 3 - Reserved The value read from this bit is indeterminate. Do not set this bit. 2 - Reserved The value read from this bit is indeterminate. Do not set this bit. 1 - Reserved The value read from this bit is indeterminate. Do not set this bit. 0 X2 CPU and peripheral clock bit Clear to select 12 clock periods per machine cycle (STD mode, FOSC=FXTAL/2). Set to select 6 clock periods per machine cycle (X2 mode, FOSC=FXTAL). |