| データシートサーチシステム |
|
AX2000-1CSG896PP データシート(PDF) 17 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896PP データシート(HTML) 17 Page - Actel Corporation |
|
17 / 226 page ![]() Axcelerator Family FPGAs v2.7 2-3 LVCMOS - 15 (JESD8-11) 35 1.5 78.8 44.9 123.6 PCI 10 3.3 108.9 213.5 322.4 PCI-X 10 3.3 108.9 158.0 266.9 Single-Ended with VREF HSTL-I 20 1.5 - 36.8 36.8 SSTL2-I 30 2.5 - 166.9 166.9 SSTL2-II 30 2.5 - 143.5 143.5 SSTL3-I 30 3.3 - 322.8 322.8 SSTL3-II 30 3.3 - 284.0 284.0 GTLP - 25 10 2.5 - TBD TBD GTLP - 33 10 3.3 - TBD TBD Differential LVPECL - 33 N/A 3.3 - 255.1 255.1 LVDS - 25 N/A 2.5 - 140.4 140.4 Table 2-5 • Different Components Contributing to the Total Power Consumption in Axcelerator Devices Component Definition Device Specific Value (in µW/MHz) AX125 AX250 AX500 AX1000 AX2000 P1 Core tile HCLK power component 33 49 71 130 216 P2 R-cell power component 0.2 0.2 0.2 0.2 0.2 P3 HCLK signal power dissipation 4.5 4.5 9 13.5 18 P4 Core tile RCLK power component 33 49 71 130 216 P5 R-cell power component 0.3 0.3 0.3 0.3 0.3 P6 RCLK signal power dissipation 6.5 6.5 13 19.5 26 P7 Power dissipation due to the switching activity on the R-cell 1.6 1.6 1.6 1.6 1.6 P8 Power dissipation due to the switching activity on the C-cell 1.4 1.4 1.4 1.4 1.4 P9 Power component associated with the input voltage 10 10 10 10 10 P10 Power component associated with the output voltage See table Per pin contribution P11 Power component associated with the read operation in the RAM block 25 25 25 25 25 P12 Power component associated with the write operation in the RAM block 30 30 30 30 30 P13 Core PLL power component 1.5 1.5 1.5 1.5 1.5 Table 2-4 • Default CLOAD/VCCI (Continued) CLOAD (pF) VCCI (V) PLOAD (μw/MHz) P10 (μw/MHz) PI/O (μW/MHz)* Note: *PI/O = P10 + CLOAD *VCCI 2 |