| データシートサーチシステム |
|
AX2000-1CS896PP データシート(PDF) 82 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP データシート(HTML) 82 Page - Actel Corporation |
|
82 / 226 page ![]() Axcelerator Family FPGAs 2- 68 v2.7 User Flow There are two methods of including a PLL in a design: • The recommended method of using a PLL is to create custom PLL blocks using Actel's macro generator, SmartGen, that can be instantiated in a design. • The alternative method is to instantiate one of the generic library primitives (PLL or PLLFB) into either a schematic or HDL netlist, using inverters for polarity control and tying all unused address and data bits to ground. Timing Model Note: tPCLK is the delay in the clock signal Figure 2-52 • PLL Model CLK CLK1 Lock CLK2 63 5 6 FB tPCLK* |