| データシートサーチシステム |
|
AX2000-1CS896PP データシート(PDF) 164 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP データシート(HTML) 164 Page - Actel Corporation |
|
164 / 226 page ![]() Axcelerator Family FPGAs 3- 58 v2.7 896-Pin FBGA AX2000 Function Pin Number Bank 0 IO00NB0F0 B4 IO00PB0F0 A4 IO01NB0F0 F8 IO01PB0F0 F7 IO02NB0F0 D6 IO02PB0F0 E6 IO04NB0F0 A5 IO04PB0F0 B5 IO05NB0F0 H8 IO05PB0F0 G8 IO06NB0F0 D7 IO06PB0F0 E7 IO07NB0F0 D8 IO07PB0F0 E8 IO08NB0F0 C7 IO08PB0F0 C6 IO09NB0F0 G9 IO09PB0F0 H9 IO10NB0F0 A6 IO10PB0F0 B6 IO11NB0F0 H10 IO11PB0F0 G10 IO12NB0F1 E9 IO12PB0F1 F9 IO13NB0F1 E10 IO13PB0F1 F10 IO15NB0F1 F11 IO15PB0F1 G11 IO16NB0F1 A7 IO16PB0F1 B7 IO17NB0F1 D10 IO17PB0F1 D9 IO18NB0F1 C9 * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO18PB0F1 C8 IO19NB0F1 D11 IO19PB0F1 E11 IO20PB0F1 B8 IO21NB0F1 H12 IO21PB0F1 H11 IO23NB0F2 A10 IO23PB0F2 A9 IO25NB0F2 F12 IO25PB0F2 G12 IO26NB0F2 B11 IO26PB0F2 B10 IO27NB0F2 D12 IO27PB0F2 E12 IO28NB0F2 C12 IO28PB0F2 C11 IO30NB0F2 A12 IO30PB0F2 A11 IO31NB0F2 F13 IO31PB0F2 G13 IO33NB0F2 H13 IO33PB0F2 J13 IO34NB0F3 B13 IO34PB0F3 B12 IO37NB0F3 E14 IO37PB0F3 E13 IO38NB0F3 B14 IO38PB0F3 A14 IO39NB0F3 H14 IO39PB0F3 J14 IO40NB0F3 B15 IO40PB0F3 A15 IO41NB0F3/HCLKAN C14 IO41PB0F3/HCLKAP D14 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO42NB0F3/HCLKBN E15 IO42PB0F3/HCLKBP D15 Bank 1 IO43NB1F4/HCLKCN E17 IO43PB1F4/HCLKCP E16 IO44NB1F4/HCLKDN C17 IO44PB1F4/HCLKDP D17 IO45NB1F4 A16 IO45PB1F4 B16 IO47NB1F4 H17 IO47PB1F4 J17 IO48NB1F4 A17 IO48PB1F4 B17 IO49NB1F4 H18 IO49PB1F4 J18 IO51NB1F4 F18 IO51PB1F4 G18 IO52NB1F4 B18 IO53NB1F4 D18 IO53PB1F4 C18 IO55NB1F5 H19 IO55PB1F5 G19 IO56NB1F5 B19 IO56PB1F5 A19 IO57NB1F5 E20 IO57PB1F5 E19 IO58NB1F5 C20 IO58PB1F5 C19 IO59NB1F5 B20 IO59PB1F5 A20 IO61NB1F5 F20 IO61PB1F5 F19 IO62NB1F5 A22 IO62PB1F5 A21 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |