| データシートサーチシステム |
|
AX2000-1CS896PP データシート(PDF) 180 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP データシート(HTML) 180 Page - Actel Corporation |
|
180 / 226 page ![]() Axcelerator Family FPGAs 3- 74 v2.7 GND A8 GND AA14 GND AA15 GND AA16 GND AA17 GND AA18 GND AA19 GND AA20 GND AA21 GND AB1 GND AB13 GND AB22 GND AB34 GND AC12 GND AC23 GND AC30 GND AC5 GND AD11 GND AD24 GND AD31 GND AD4 GND AE3 GND AE32 GND AF2 GND AF33 GND AG1 GND AG27 GND AG34 GND AG8 GND AH28 GND AH7 GND AJ29 GND AJ6 GND AK12 GND AK17 GND AK18 GND AK23 GND AK30 GND AK5 1152-Pin FBGA AX2000 Function Pin Number GND AL1 GND AL11 GND AL2 GND AL24 GND AL3 GND AL31 GND AL32 GND AL33 GND AL34 GND AL4 GND AM1 GND AM10 GND AM15 GND AM2 GND AM20 GND AM25 GND AM3 GND AM31 GND AM32 GND AM33 GND AM34 GND AM4 GND AN1 GND AN2 GND AN26 GND AN3 GND AN31 GND AN32 GND AN33 GND AN34 GND AN4 GND AN9 GND AP13 GND AP2 GND AP22 GND AP27 GND AP3 GND AP31 GND AP32 1152-Pin FBGA AX2000 Function Pin Number GND AP33 GND AP4 GND AP8 GND B1 GND B2 GND B26 GND B3 GND B31 GND B32 GND B33 GND B34 GND B4 GND B9 GND C1 GND C10 GND C15 GND C2 GND C20 GND C25 GND C3 GND C31 GND C32 GND C33 GND C34 GND C4 GND D1 GND D11 GND D2 GND D24 GND D3 GND D31 GND D32 GND D33 GND D34 GND D4 GND E12 GND E17 GND E18 GND E23 1152-Pin FBGA AX2000 Function Pin Number |