| データシートサーチシステム |
|
AX2000-1CS896PP データシート(PDF) 218 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP データシート(HTML) 218 Page - Actel Corporation |
|
218 / 226 page ![]() Axcelerator Family FPGAs 3- 112 v2.7 IO258NB6F24 V3 IO258PB6F24 W3 IO259NB6F24 AA2 IO259PB6F24 AB2 IO260NB6F24 V6* IO260PB6F24 W4* IO262NB6F24 U4 IO262PB6F24 V4 IO263NB6F24 Y5 IO263PB6F24 W5 IO268NB6F25 U6 IO268PB6F25 U5 IO269PB6F25 U3 IO272NB6F25 T2 IO272PB6F25 U2 IO273NB6F25 W2 IO273PB6F25 Y2 IO274NB6F25 R6 IO274PB6F25 T6 IO275NB6F25 T7 IO275PB6F25 U7 IO277NB6F25 V2 IO278NB6F26 R4 IO278PB6F26 T4 IO279PB6F26 R3 IO280NB6F26 R5 IO281NB6F26 AA1 IO281PB6F26 AB1 IO284NB6F26 R8 IO284PB6F26 T8 IO285NB6F26 W1 IO285PB6F26 Y1 IO286NB6F26 P2 IO286PB6F26 R2 IO287NB6F26 T1 IO287PB6F26 U1 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO288NB6F26 P5 IO290NB6F27 P6 IO291NB6F27 P1 IO291PB6F27 R1 IO292NB6F27 P7 IO292PB6F27 R7 IO293NB6F27 M1 IO293PB6F27 N1 IO294NB6F27 P8 IO296NB6F27 N3 IO296PB6F27 P3 IO298NB6F27 N4 IO298PB6F27 P4 IO299NB6F27 M2 IO299PB6F27 N2 Bank 7 IO300NB7F28 P9* IO300PB7F28 N6* IO302NB7F28 M6 IO304NB7F28 N8 IO304PB7F28 N7 IO308NB7F28 M4 IO309NB7F28 L3 IO309PB7F28 M3 IO310NB7F29 N10 IO310PB7F29 N9 IO311NB7F29 K1 IO311PB7F29 L1 IO313NB7F29 M5 IO316NB7F29 L6 IO316PB7F29 L5 IO317NB7F29 K2 IO317PB7F29 L2 IO318NB7F29 K4 IO318PB7F29 L4 IO320NB7F29 J3 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO321NB7F30 J2 IO321PB7F30 J1 IO323NB7F30 L7 IO323PB7F30 M7 IO324NB7F30 M9 IO324PB7F30 M8 IO327NB7F30 F1 IO327PB7F30 G1 IO328NB7F30 K7 IO328PB7F30 K6 IO329NB7F30 D1 IO329PB7F30 E1 IO331PB7F30 G2 IO332NB7F31 H3 IO332PB7F31 H2 IO333NB7F31 E2 IO333PB7F31 F2 IO334NB7F31 H4 IO334PB7F31 J4 IO335NB7F31 H5 IO335PB7F31 H6 IO337NB7F31 D2 IO338NB7F31 J6 IO338PB7F31 J5 IO339NB7F31 F3 IO339PB7F31 E3 IO340NB7F31 G4* IO340PB7F31 G3* IO341NB7F31 K8 IO341PB7F31 L8 Dedicated I/O GND K5 GND A18 GND A2 GND A24 GND A25 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |