| データシートサーチシステム |
|
TS80C52X2-LCKB データシート(PDF) 15 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
TS80C52X2-LCKB データシート(HTML) 15 Page - TEMIC Semiconductors |
|
15 / 54 page ![]() Rev. B - Jan. 25, 1999 15 Preliminary TS80C52X2 q To start the timer, set TR2 run control bit in T2CON register. It is possible to use timer 2 as a baud rate generator and a clock generator simultaneously. For this configuration, the baud rates and clock frequencies are not independent since both functions use the values in the RCAP2H and RCAP2L registers. Figure 5. Clock-Out Mode C/T2=0 :2 EXF2 TR2 OVEFLOW T2EX TH2 (8-bit) TL2 (8-bit) TIMER 2 RCAP2H (8-bit) RCAP2L (8-bit) T2OE T2 XTAL1 T2CON reg T2CON reg T2CON reg T2MOD reg INTERRUPT QD Toggle EXEN2 |