データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1664IGN データシート(PDF) 9 Page - Linear Technology

部品番号 LTC1664IGN
部品情報  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1664IGN データシート(HTML) 9 Page - Linear Technology

Back Button LTC1664IGN Datasheet HTML 5Page - Linear Technology LTC1664IGN Datasheet HTML 6Page - Linear Technology LTC1664IGN Datasheet HTML 7Page - Linear Technology LTC1664IGN Datasheet HTML 8Page - Linear Technology LTC1664IGN Datasheet HTML 9Page - Linear Technology LTC1664IGN Datasheet HTML 10Page - Linear Technology LTC1664IGN Datasheet HTML 11Page - Linear Technology LTC1664IGN Datasheet HTML 12Page - Linear Technology LTC1664IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1664
Table 2. DAC Address/Control Functions
ADDRESS/CONTROL
A3
A2
A1
A0
DAC STATUS
SLEEP STATUS
0000
No Change
Wake
0001
Load DAC A
Wake
0010
Load DAC B
Wake
0011
Load DAC C
Wake
0100
Load DAC D
Wake
0101
Reserved
0110
Reserved
0111
Reserved
1000
Reserved
1001
Reserved
1010
Reserved
1011
Reserved
1100
Reserved
1101
Reserved
1110
No Change
Sleep
1111
Load ALL DACs
Wake
with Same
10-Bit Code
OPERATIO
DIN
DOUT
SCK
CS/LD
A3
A2
INPUT WORD W0
INPUT CODE
DON’T CARE
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X1
X0
A3
A2
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X1
X0
A3
1664 F02
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
(ENABLE SCK)
(UPDATE OUTPUT)
ADDRESS/CONTROL
INPUT WORD W0
INPUT WORD W–1
Figure 2. LTC1664 Register Loading Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16